Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54STB Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BAT54STB
Description  SCHOTTKY BARRIER (DUAL) DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAT54STB Datasheet(HTML) 2 Page - Unisonic Technologies

  BAT54STB Datasheet HTML 1Page - Unisonic Technologies BAT54STB Datasheet HTML 2Page - Unisonic Technologies BAT54STB Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT54STB
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-053.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
PER DIODE
Continuous Reverse Voltage
VR
30
V
Continuous Forward Current
IF
200
mA
Repetitive Peak Forward Current (tP <1s, δ≤0.5)
IFRM
300
mA
Non-repetitive Peak Forward Current (tP <10ms)
IFSM
600
mA
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-60 ~ +150
°C
PER DEVICE
Power Dissipation (TA≤25°C)
PD
230
mW
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
500
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Forward Voltage (See Fig.1)
VF
IF = 0.1mA
240
mV
IF = 1mA
320
mV
IF = 10mA
400
mV
IF = 30mA
500
mV
IF = 100mA
800
mV
Reverse Current (See Fig.2)
IR
VR = 25V
2
μA
Reverse Recovery Time (see Fig.4)
trr
When switched from IF =10mA
to IR = 10mA, RL = 100Ω
measured at IR = 1mA
5
ns
Diode Capacitance (see Fig.3)
CD
f = 1 MHz, VR = 1V;
10
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com