Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BAV199G-AE3-R
Description  DUAL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAV199G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BAV199G-AE3-R Datasheet HTML 1Page - Unisonic Technologies BAV199G-AE3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAV199
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-037.a
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
85
V
Working Peak Reverse Voltage
VRWM
85
V
DC Blocking Voltage
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Single diode
160
Forward Continuous Current
Double diode
IFM
140
mA
Repetitive Peak Forward Current
IFRM
500
mA
@ t = 1.0μs
4.0
@ t = 1.0ms
1.0
Non-Repetitive Peak Forward Surge
Current
@ t = 1.0s
IFSM
0.5
A
Power Dissipation (Note 2)
PD
250
mW
Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
1. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Part mounted on FR-4 PC board with recommended pad layout
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Ambient Air (Note 2)
θJA
500
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR= 100μA
85
V
IF= 1.0mA
0.90
IF= 10mA
1.0
IF= 50mA
1.1
Forward Voltage (Note 1)
VF
IF= 150mA
1.25
V
VR= 75V
5.0
Leakage Current (Note 1)
IR
VR= 75V, TJ= 150°C
80
nA
Total Capacitance
CT
VR= 0, f = 1.0MHz
2
pF
Reverse Recovery Time
trr
IF= IR= 10mA, Irr = 0.1 x IR,
RL= 100Ω
3.0
μs
Note: 1. Short duration test pulse to minimize self-heating effect.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com