Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3656G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3656G-AF5-R
Description  1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3656G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3656G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3656G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3656
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-469.b
1MHz, 800mA SYNCHRONOUS
BUCK CONTROLLER
DESCRIPTION
The UTC UC3656 is a synchronous buck controller for a DC/DC
converter optimized for high-performance microprocessor applications.
It is configured with current mode for excellent line and load
transient response. At 1MHz operation frequency, the use of small
surface mount inductor and capacitor is enabled. The built-in
synchronous switch saves the use of an external Schottky diode and
increases efficiency.
The UTC UC3656 is a low-noise synchronous step-down DC/DC
converter that is ideally suited for systems requiring supplies from a
1-cell Li-ion battery or from a 3-cell to 4-cell NiCd, NiMH, or alkaline
battery.
The UTC UC3656 is generally applied in power supply for portable
devices and USB-based power system.
FEATURES
* High Efficiency (95%) Possible
* Input Voltage Range: 2.5V ~ 5.5V
* Schottky Diode is Saved
* Output Current: 800mA (@5V Input 3.3V Output)
* 1.0MHz Oscillation Frequency
* Internal ON/OFF
* 100% Duty Cycle Allows Low Dropout Operation
* Stand-by Current: 1μA (Max.)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC3656L-AF5-R
UC3656G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - UC3656G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
178Kb / 7P
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
UC3656G-AF5-R UTC-UC3656G-AF5-R Datasheet
372Kb / 7P
1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
More results

Similar Description - UC3656G-AF5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1366 ETC-AT1366 Datasheet
903Kb / 13P
1MHZ 800MA SYNCHRONOUS BUCK CONTROLLER
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
AT1367A AIMTRON-AT1367A Datasheet
658Kb / 14P
1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
logo
Monolithic Power System...
MP2105 MPS-MP2105 Datasheet
270Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
MP2105 MPS-MP2105_06 Datasheet
285Kb / 8P
1MHz, 800mA Synchronous Step-Down Converter
logo
Sipex Corporation
SP6654 SIPEX-SP6654_05 Datasheet
184Kb / 17P
High Efficiency 800mA Synchronous Buck Regulator
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Unisonic Technologies
UC3656 UTC-UC3656 Datasheet
178Kb / 7P
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
800mA 1.5MHz 7V Synchronous Buck Converter
logo
Renesas Technology Corp
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
Wide VIN 800mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com