Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842GP-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3842GP-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842GP-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3842GP-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3842G
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-036.C
HIGH PERFORMANCE
CURRENT MODE
CONTROLLER
DESCRIPTION
The UTC UC3842G of high performance current mode
controller is specifically designed for off-line and DC-to-DC
converter applications offering the designer a cost effective
solution with minimal external components. This integrated
circuit features approximately 40μA start up current, a precision
reference trimmed the error amplifier input. Also included are
protective
features
consisting
of
input
and
reference
undervoltage lockouts each with hysteresis, cycle-by-cycle
current limiting, and so on.
FEATURES
* Low startup and operating current
* User defined switching frequency(Norm is 52kHz)
* Power-saving mode for low power
* Under voltage lockout with hysteresis
* Over voltage protection
* Latching PWM for Cycle-By-Cycle current limiting
* Internally trimmed reference with undervoltage lockout
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC3842GL-S08-R
UC3842GP-S08-R
SOP-8
Tape Reel
UC3842GL-S08-T
UC3842GP-S08-T
SOP-8
Tube
UC3842GL-D08-T
UC3842GP-D08-T
DIP-8
Tube


Similar Part No. - UC3842GP-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3842GP-S08-R UTC-UC3842GP-S08-R Datasheet
223Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3842GP-S08-R UTC-UC3842GP-S08-R Datasheet
269Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
UC3842GP-S08-R UTC-UC3842GP-S08-R Datasheet
208Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
More results

Similar Description - UC3842GP-S08-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
High Performance Current Mode Controller
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
High Performance Current Mode Controller
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G Datasheet
156Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
High Performance Current Mode Controller
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
High Performance Current Mode Controller
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
HIGH PERFORMANCE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com