Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3336 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LS3336
Description  Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3336 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LS3336 Datasheet HTML 1Page - Siemens Semiconductor Group LS3336 Datasheet HTML 2Page - Siemens Semiconductor Group LS3336 Datasheet HTML 3Page - Siemens Semiconductor Group LS3336 Datasheet HTML 4Page - Siemens Semiconductor Group LS3336 Datasheet HTML 5Page - Siemens Semiconductor Group LS3336 Datasheet HTML 6Page - Siemens Semiconductor Group LS3336 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1998-09-18
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 3336-QT
LS 3336-R
LS 3336-S
LS 3336-T
LS 3336-RU
super-red
colorless clear
63
...
500
100
...
200
160
...
320
250
...
500
100
...
800
Q62703-Q3482
Q62703-Q3484
Q62703-Q3485
Q62703-Q3813
Q62703-Q3486
LA 3336-RU
LA 3336-S
LA 3336-T
LA 3336-U
LA 3336-SV
amber
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3554
Q62703-Q3551
Q62703-Q3552
Q62703-Q3553
Q62703-Q3555
LO 3336-RU
LO 3336-S
LO 3336-T
LO 3336-U
LO 3336-SV
orange
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3144
Q62703-Q3176
Q62703-Q3170
Q62703-Q3307
Q62703-Q3177
LY 3336-RU
LY 3336-S
LY 3336-T
LY 3336-U
LY 3336-SV
yellow
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3487
Q62703-Q3489
Q62703-Q3490
Q62703-Q3814
Q62703-Q3491
LS 3336, LA 3336, LO 3336, LY 3336



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com