Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337L-x-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC337L-x-T92-R
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC337L-x-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BC337L-x-T92-R Datasheet HTML 1Page - Unisonic Technologies BC337L-x-T92-R Datasheet HTML 2Page - Unisonic Technologies BC337L-x-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC337/BC338
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-039.D
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
BC337
50
V
Collector-Emitter Voltage
BC338
VCES
30
V
BC337
45
V
Collector-Emitter Voltage
BC338
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
800
mA
Collector Dissipation
625
mW
Derate Above 25°C
PC
5
mW/°C
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
Junction to Case
θJc
83.3
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
BC337
45
V
Collector-Emitter Breakdown Voltage
BC338
BVCEO IC=10mA, IB=0
25
V
BC337
50
V
Collector-Emitter Breakdown Voltage
BC338
BVCES IC=0.1mA, VBE=0
30
V
Emitter-Base Breakdown Voltage
BVEBO IE=0.1mA, IC=0
5
V
BC337
VCE=45V, IB=0
2
100
nA
Collector Cut-off Current
BC338
ICES
VCE=25V, IB=0
2
100
nA
hFE1
VCE=1V, IC=100mA
100
630
DC Current Gain
hFE2
VCE=1V, IC=300mA
60
Collector-Emitter Saturation Voltage
VCE(SAT) IC=500mA, IB=50mA
0.7
V
Base-Emitter on Voltage
VBE(ON) VCE=1V, IC=300mA
1.2
V
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
12
pF
Current Gain Bandwidth Product
fT
VCE=5V, IC=10mA, f=50MHz
100
MHz
CLASSIFICATION OF hFE1
RANK
16
25
40
hFE1
100-250
160-400
250-630



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com