Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC5301L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC5301L-S08-R
Description  SWITCHED-CAPACITOR VOLTAGE INVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC5301L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC5301L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UC5301
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-602.a
DETAILED DESCRIPTION
Four switches (S1, S2, S3, and S4) incorporated in the device, which are switched in a sequence to inverter the
input supply voltage. The external capacitors determine the energy transfer and storage.
The course of voltage conversion is show in Figure. 1. When S1 and S3 are closed, C1 charges to the supply
voltage VIN. During this time interval, switches S2 and S4 are open. In the second time interval, S1 and S3 are open;
at the same time, S2 and S4 are closed, C1 is charging C2. After a number of cycles, the voltage across C2 will be
pumped to VIN. Since the anode of C2 is connected to ground, the output at the cathode of C2 equals - (VIN) under o
load current condition.
The UTC UC5301 is mainly to generate a negative supply voltage. The input supply voltage is varying from1.8V to
5V. The output characteristics of this circuit can be approximated by an ideal voltage source in series with a
resistance. The voltage source equals - (VIN).
The output resistance, ROUT, is a function of the ON resistance of the internal MOSFET switches, the oscillator
frequency, the capacitance and the ESR of both C1 and C2. Since the switching current charging and discharging
C1 is approximately twice as the output current, the effect of the ESR of the pumping capacitor C1 will be multiplied
by four in the output resistance. The output capacitor C2 is charging and discharging at a current approximately
equal to the output current, therefore, this ESR term only counts once in the output resistance. The value of ROUT is
approximately calculated in the following equation:
C2
C1
1
OSC
SW
OUT
ESR
4ESR
C
f
2
2R
R
+
+
×
+
≅
(RSW is the sum of the ON resistance of the internal MOSFET switches shown in Figure 1.)
Lower output resistance is dependent on higher capacitance and lower ESR capacitors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com