Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC34463L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC34463L-S08-R
Description  200KHZ, 2A PWM BUCK SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34463L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC34463L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC34463L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC34463L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC34463L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC34463L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC34463L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UC34463
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-055.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
+45
V
Power Dissipation
PD
Internally limited
W
Storage Temperature
TSTG
-65 ~ +150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
IN=12V, ILOAD = 0.2A, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Frequency
FOSC
170
200
220
Khz
Oscillator Frequency of Short Circuit
Protect
FSCP
When current limit occurred and
VOUT low
30
Khz
Saturation Voltage
VSAT
IOUT=1.5A no outside circuit
VOUT=0V force driver on
1.25
1.4
V
1.25
1.5
Max. Duty Cycle(ON)
DC
VOUT=0V force driver on
100
%
Min. Duty cycle(OFF)
VOUT=12V force driver off
0
Current Limit
ICL
peak current no outside circuit
VOUT=0 force driver on
2.4
2.9
3.3
A
2.4
2.9
3.6
Output Leakage
Current
Output = 0V
IL
no outside circuit
VOUT=12 force driver off
-200
uA
Output = -1V
VIN=24V
-5
mA
Quiescent Current
IQ
VOUT=12 force driver off
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF pin=5V, VIN=24V
70
150
uA
70
200
ON/OFF Pin Logic Input Threshold
Voltage
VIL
Low (regulator ON)
1.3
0.6
V
VIH
High (regulator OFF)
2.0
1.3
ON/OFF Pin Logic Input Current
IH
VLOGIC=2.5V (OFF)
0.01
uA
ON/OFF Pin Input Current
IL
VLOGIC=0.5V (ON)
-0.1
-1
Over Temperature Shutdown
Threshold
Ts
TJ increasing
175
°C
TJ decreasing
150



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com