Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4P20G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD4P20G-S08-R
Description  4A, 20V DUAL P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4P20G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD4P20G-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4P20G-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4P20G-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4P20G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD4P20
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-345.c
4A, 20V DUAL P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UD4P20 uses advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is manufacturing reproducible. The UTC
UD4P20
is suitable for applications, such as battery management
in nomadic equipment and power management in cellular phone.
FEATURES
* RDS(ON) : 0.07Ω (TYP.)
* Low on-resistance
* Rugged avalanche characteristic
* Easy automated surface mount assembly with standard outline
* Low threshold drive
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UD4P20L-S08-R
UD4P20G-S08-R
SOP-8
Tape Reel
UD4P20L-S08-T
UD4P20G-S08-T
SOP-8
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UD4P20G-S08-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UD40 WILLOW-UD40 Datasheet
882Kb / 2P
High Voltage Divider Set, Thick film,Non-Inductive R1 & R2
logo
ShenZhen XinDeYi Electr...
UD4001 XINDEYI-UD4001 Datasheet
767Kb / 4P
P-Ch 40V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD4001 UNITPOWER-UD4001 Datasheet
767Kb / 4P
P-Ch 40V Fast Switching MOSFETs
logo
Unisonic Technologies
UD4001BG-D14-R UTC-UD4001BG-D14-R Datasheet
205Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UD4001BG-S14-R UTC-UD4001BG-S14-R Datasheet
168Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
More results

Similar Description - UD4P20G-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
logo
Taiwan Semiconductor Co...
TSM6981D TSC-TSM6981D Datasheet
405Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
20V Dual P-Channel MOSFET
logo
Fairchild Semiconductor
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
20V Dual P-Channel MOSFET
logo
E-CMOS Corporation
EC738205 E-CMOS-EC738205 Datasheet
330Kb / 7P
20V,4A Dual N-Channel MOSFET
EC732341E E-CMOS-EC732341E Datasheet
304Kb / 6P
-20V, -4A P-Channel MOS
logo
Will Semiconductor Ltd.
WPMD4953A WILLSEMI-WPMD4953A Datasheet
3Mb / 8P
Dual P-Channel, -20V, -3.4A, Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com