Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD606L-TN5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD606L-TN5-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD606L-TN5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD606L-TN5-R Datasheet HTML 1Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 2Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 3Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 4Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 5Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 6Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 7Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 8Page - Unisonic Technologies UD606L-TN5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UD606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-169.A
TYPICAL CHARACTERISTICS
N-CHANNEL
25℃
125℃
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Source Drain Voltage, VSD(V)
1.0E+01
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
Body-Diode Characteristics
ID=8A
125℃
25℃
100
90
80
70
60
50
40
30
20
10
24
6
8
10
Gate Source Voltage, VGS(V)
On-Resisitance vs. Gate-Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com