Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4809L-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD4809L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4809L-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD4809L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UD4809L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UD4809L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UD4809L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UD4809L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UD4809
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-177.A
TYPICAL CHARACTERISTICS(Cont.)
VDD=15V
ID=30A
VGS=11.5V
td(off)
tr
tf
td(on)
1000
100
10
1
1
10
100
Gate Resistance,RG (OHMS)
Resistive Switching Time Variation
vs. Gate Resistance
VGS=0V
TJ=25℃
30
25
20
15
10
5
0
0.5
0.6
0.7
0.8
0.9
1.0
Body Diode Forward Voltage,VSD (V)
Body-Diode Characteristics
ID=15A
25℃
100℃
125℃
100
10
1
0.1
1
10
100
1000
175
150
125
100
75
50
25
0
20
40
60
80
100
120
Junction Temperature,TJ (℃)
Pulse Width (μs)
Avalanche Characteristics
Maximum Avalanche Energy vs. Starting
Junction Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com