Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3341 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LS3341
Description  3 mm T1 LED, Non Diffused Super-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3341 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LS3341 Datasheet HTML 1Page - Siemens Semiconductor Group LS3341 Datasheet HTML 2Page - Siemens Semiconductor Group LS3341 Datasheet HTML 3Page - Siemens Semiconductor Group LS3341 Datasheet HTML 4Page - Siemens Semiconductor Group LS3341 Datasheet HTML 5Page - Siemens Semiconductor Group LS3341 Datasheet HTML 6Page - Siemens Semiconductor Group LS3341 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 3341-LP
LS 3341-M
LS 3341-N
LS 3341-P
LS 3341-MQ
super-red
red clear
10.0 … 80.0
16.0 … 32.0
25.0 … 50.0
40.0 … 80.0
16.0 … 125.0
Q62703-Q3911
Q62703-Q2146
Q62703-Q2147
Q62703-Q3445
Q62703-Q2148
LY 3341-LP
LY 3341-M
LY 3341-N
LY 3341-P
LY 3341-MQ
yellow
yellow clear
10.0 … 80.0
16.0 … 32.0
25.0 … 50.0
40.0 … 80.0
16.0 … 125.0
Q62703-Q2152
Q62703-Q2151
Q62703-Q2398
Q62703-Q3234
Q62703-Q2149
LG 3341-KN
LG 3341-M
LG 3341-N
LG 3341-MQ
green
green clear
6.3 … 50.0
16.0 … 32.0
25.0 … 50.0
16.0 … 125.0
Q62703-Q2153
Q62703-Q2155
Q62703-Q3187
Q62703-Q2156
LP 3341-JM
LP 3341-K
LP 3341-L
LP 3341-M
LP 3341-KN
pure green
green clear
4.0 … 32.0
6.3 … 12.5
10.0 … 20.0
16.0 … 32.0
6.3 … 50.0
Q62703-Q3815
Q62703-Q3816
Q62703-Q2986
Q62703-Q2919
Q62703-Q2750
LS 3341, LY 3341, LG 3341
LP 3341



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com