Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF730L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF730L-TN3-R
Description  5.5 Amps, 400 Volts N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF730L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF730L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF730L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF730L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF730L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF730L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF730L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF730
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd.
QW-R502-077.E
5.5 Amps, 400 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power MOSFET is
designed for high voltage, high speed power switching applications
such as switching regulators, switching converters, solenoid, motor
drivers, relay drivers.
FEATURES
* RDS(ON) = 1Ω@VGS = 10 V
* Avalanche Energy Specified
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Capability
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
TO-220
1
1
TO-220F
TO-252
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UF730L-TA3-T
UF730G-TA3-T
TO-220
G
D
S
Tube
UF730L-TF3-T
UF730G-TF3-T
TO-220F
G
D
S
Tube
UF730L-TM3-T
UF730G-TM3-T
TO-251
G
D
S
Tube
UF730L-TN3-R
UF730G-TN3-R
TO-252
G
D
S
Tape Reel
UF730L-TN3-T
UF730G-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UF730L-TN3-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UF730L-TN3-R DOINGTER-UF730L-TN3-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UF730L-TN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4 Datasheet
135Kb / 10P
18 Amps, 400 Volts N-Channel D2PAK
March, 2005 ??Rev. 1
logo
Solid States Devices, I...
SFF330-28 SSDI-SFF330-28 Datasheet
233Kb / 2P
5.5 AMP 400 Volts 1.1 OHM N-Channel POWER MOSFET
logo
Unisonic Technologies
1N40 UTC-1N40 Datasheet
173Kb / 4P
1 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N40 UTC-2N40 Datasheet
178Kb / 6P
2 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
2 Amps, 500 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
3 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N40 UTC-6N40 Datasheet
169Kb / 6P
6 Amps, 400 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
150 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com