Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF840L-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF840L-TQ2-R
Description  8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF840L-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF840L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF840L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF840L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF840L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF840L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF840L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UF840L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UF840L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UF840
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-047,F
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless Otherwise Specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage (TJ =25°C ~125°C)
VDSS
500
V
Drain to Gate Voltage (RGS = 20kΩ, TJ =25°C ~125°C)
VDGR
500
V
Gate to Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
8.0
A
Pulsed
IDM
32
A
Power Dissipation (TC=25°C)
TO-220
PD
134
W
TO-220F/TO-220F1
44
TO-220F2
46
TO-263
134
Single Pulse Avalanche Energy
EAS
510
mJ
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220
θJc
0.93
°C/W
TO-220F/TO-220F1
2.86
TO-220F2
2.72
TO-263
0.93
ELECTRICAL SPECIFICATIONS (TA =25°C, unless Otherwise Specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
500
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250μA
2
4
V
On-State Drain Current (Note 1)
ID(ON)
VDS > ID(ON) x RDS(ON)MAX, VGS = 10V
8
A
Drain-Source Leakage Current
IDSS
VDS = Rated BVDSS, VGS = 0V
25
μA
VDS=0.8xRated BVDSS,VGS=0V,TJ= 125°C
250
µA
Gate-Source Leakage Current
IGSS
VGS = ±30V
±100 nA
Static Drain-Source On-State
Resistance (Note 1)
RDS(ON) ID = 4.4A, VGS = 10V
0.8
0.85
Ω
Turn-On Delay Time
tDLY(ON)
VDD=250V, ID ≈ 8A, RG = 9.1Ω, RL =30Ω
(Note 2)
15
21
ns
Turn-Off Delay Time
tDLY(OFF)
50
74
ns
Turn-On Rise Time
tR
21
35
ns
Turn-Off Fall Time
tF
20
30
ns
Total Gate Charge
QG(TOT)
VGS =10V, ID =8A,VDS =0.8 x Rated BVDSS
IG(REF) =1.5mA (Note 3)
42
63
nC
Gate-Source Charge
QGS
7
nC
Gate-Drain Charge
QGD
22
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1.0MHz
1225
pF
Output Capacitance
COSS
200
pF
Reverse Transfer Capacitance
CRSS
85
pF
Note : 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. MOSFET Switching Times are Essentially Independent of Operating Temperature.
3. Gate Charge is Essentially Independent of Operating Temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com