Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF640G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF640G-TN3-R
Description  18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF640G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF640G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF640G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF640G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF640G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF640G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UF640
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-066.E
ELECTRICAL CHARACTERISTICS(Cont.) (TC = 25 ,
℃
unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=100V,ID≈18A, RG=9.1Ω,RL=5.4Ω,
MOSFET
Switching
Times
are
Essentially Independent of Operating
Temperature
13
21
ns
Turn-ON Rise Time
tR
50
77
ns
Turn-OFF Delay Time
tD(OFF)
46
68
ns
Turn-OFF Fall-Time
tF
35
54
ns
Total Gate Charge
QG(TOT)
VGS=10V, ID≈18A, VDS=0.8 x Rated
BVDSS Gate Charge is Essentially
Independent
of
Operating
Temperature IG(REF) = 1.5mA
43
64
nC
Gate Source Charge
QGS
8
nC
Gate Drain Charge
QGD
22
nC
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Internal Drain Inductance
LD
Measured From
the Contact Screw
on Tab to
Center of Die
Modified MOSFET
Symbol Showing
the Internal
Devices
Inductances
3.5
nH
Measured From
the Drain Lead,
6mm (0.25in)
From Package to
Center of Die
4.5
nH
Internal Source Inductance
LS
Measured From
the Source Lead,
6mm (0.25in) from
Header to Source
Bonding Pad
7.5
nH
SOURCE TO DRAIN DIODE SPECIFICATIONS
Diode Forward Voltage (Note)
VSD
TJ = 25℃, IS = 18A, VGS = 0V,
2.0
V
Continuous Source Current
(body diode)
IS
Integral Reverse p-n Junction
Diode in the MOSFET
Gate
Sourse
Drain
18
A
Pulse Source Current (body diode)
(Note)
ISM
72
A
Reverse Recovery Time
trr
TJ=25℃, IS=18A, dIS/dt=100A/μs
120
240
530
ns
Reverse Recovery Charge
QRR
TJ=25℃, IS=18A, dIS/dt=100A/μs
1.3
2.8
5.6
μC
Note: Pulse Test: Pulse width ≤ 300μs, duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com