Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH10KG-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH10KG-AL6-R
Description  GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH10KG-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH10KG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UH10KG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UH10KG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH10K
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R218-010.A
GENERAL PURPOSE (DUAL
DIGITAL TRANSISTORS)
FEATURES
* Two UTC DTC123J chips in a SOT-363 package.
* Halogen Free
EQUIVALENT CIRCUIT (R1=2KΩ, R2=47KΩ)
R1
R2
R1
R2
1
6
2
3
4
5
TR1
TR2
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
4
5
6
Packing
UH10KG-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
MARKING
UHKKG
1
23
4
5
6


Similar Part No. - UH10KG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH10KG-AL6-R UTC-UH10KG-AL6-R Datasheet
104Kb / 3P
DUAL DIGITAL TRANSISTORS
More results

Similar Description - UH10KG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
General purpose (dual digital transistors)
IMB5A ROHM-IMB5A Datasheet
63Kb / 3P
General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
General purpose transistors (dual digital transistors)
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
General purpose transistors (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com