Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8013L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH8013L-AE3-R
Description  HALL EFFECT MICRO SWITCH IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8013L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH8013L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8013L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8013L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8013L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH8103
Preliminary
BiCMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-513.a
HALL EFFECT MICRO SWITCH
IC
DESCRIPTION
The UH8103 is a low power, pole independent Hall-effect switch
with a latched digital output driver. It can work in 2.5 volt supply.
Either a north or south pole of sufficient flux will turn the output on; in
the absence of a magnetic field, the output is off.
When a magnetic field enters the hall element and exceeds the
operate point BOPS(or less than BOPN) the output turns on (output is
low). When the magnetic field is below the release point BRPS , the
output turns off (output is high).
It is designed with open drain
configuration and connecting a pull up resistor from Output to VDD is
necessary.
FEATURES
*Micropower Operation
*2.5V to 5.5V Battery Operation
*Offset Canceling Technology
*Independent of North or South Pole Magnet
*Superior Temperature Stability
*Extremely Low Switch-Point Drift
APPLICATIONS
*Micro Switch
*Handheld Wireless Application Wake Up Switch
*Clamp Shell Type Application Switch
*Magnet Switch in Low Duty Cycle Applications
SOT-23
1
3
2
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UH8013L-AE3-R
UH8013G-AE3-R
SOT-23
O
I
G
Tape Reel
Note: O: Output, I: VDD, G: GND


Similar Part No. - UH8013L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8013G-AE3-R UTC-UH8013G-AE3-R Datasheet
195Kb / 4P
Hall Effect Micro Switch IC
More results

Similar Description - UH8013L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
Hall Effect Micro Switch IC
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
Hall Effect Micro Switch IC
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
Hall Effect Micro Switch IC
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com