Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3336-RU Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LA3336-RU
Description  Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LA3336-RU Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LA3336-RU Datasheet HTML 1Page - Siemens Semiconductor Group LA3336-RU Datasheet HTML 2Page - Siemens Semiconductor Group LA3336-RU Datasheet HTML 3Page - Siemens Semiconductor Group LA3336-RU Datasheet HTML 4Page - Siemens Semiconductor Group LA3336-RU Datasheet HTML 5Page - Siemens Semiconductor Group LA3336-RU Datasheet HTML 6Page - Siemens Semiconductor Group LA3336-RU Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
1998-09-18
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LA
LO
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 20 mA
λ
peak
645
622
610
591
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 20 mA
λ
dom
632
615
605
587
nm
Spektrale Bandbreite bei 50%
I
rel max
(typ.)
Spectral bandwidth at 50%
I
rel max
(typ.)
I
F = 20 mA
∆
λ
16
16
16
15
nm
Abstrahlwinkel bei 50%
I
v (Vollwinkel)
Viewing angle at 50%
I
v
2
ϕ
50
50
50
50
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 20 mA
V
F
V
F
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 3 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
dom (IF = 20 mA)
Temperature coefficient of
λ
dom (IF = 20 mA)
TCλ
0.014 0.062 0.067
0.096
nm/K
Temperaturkoeffizient von
λ
peak,
IF = 20 mA
(typ.)
Temperature coefficient of
λ
peak,
IF = 20 mA
(typ.)
TCλ
0.14
0.13
0.13
0.13
nm/K
Temperaturkoeffizient von
V
F, IF = 20 mA (typ.)
Temperature coefficient of
V
F, IF = 20 mA (typ.)
TCV
– 1.95 – 1.78 – 1.67 – 2.51 mV/K
LS 3336, LA 3336, LO 3336, LY 3336



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com