Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK3018G-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UK3018G-AE2-R
Description  2.5V DRIVE SILICON N-CHANNEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK3018G-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UK3018G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UK3018G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UK3018G-AE2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UK3018
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2009 Unisonic Technologies Co., LTD
QW-R502-313.b
2.5V DRIVE SILICON
N-CHANNEL MOSFET
DESCRIPTION
The UTC UK3018 is a Silicon N-channel MOSFET,
designed to
minimize on-state resistance while it provides
rugged, reliable and
fast switching performance. The product is particularly suited for low
voltage and low current applications such as small servo motor
controllers, power MOSFET gate drivers, and other switching
applications.
FEATURES
* Min VDSS =30V
* RDS(ON) =5Ω(VGS=4V)
* RDS(ON) =7Ω(VGS=2.5V)
* Pulsed ID=400mA
* Low voltage drive (2.5V)
* Halogen Free
SYMBOL
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UK3018G-AE2-R
SOT-23-3
S
G
D
Tape Reel
UK3018G-AL3-R
SOT-323
S
G
D
Tape Reel
MARKING
3018G


Similar Part No. - UK3018G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK3018BW UTC-UK3018BW Datasheet
138Kb / 3P
DRIVE SILICON N-CHANNEL MOSFET
UK3018BWG-AL5-R UTC-UK3018BWG-AL5-R Datasheet
138Kb / 3P
DRIVE SILICON N-CHANNEL MOSFET
More results

Similar Description - UK3018G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3B14F ZETEX-ZXMN3B14F Datasheet
204Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
ZXMN3B04N8 ZETEX-ZXMN3B04N8 Datasheet
176Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
ZXMN3B01F ZETEX-ZXMN3B01F Datasheet
475Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
logo
Diodes Incorporated
ZXMN3B01F DIODES-ZXMN3B01F Datasheet
475Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
DECEMBER 2005
ZXMN3B04N8 DIODES-ZXMN3B04N8 Datasheet
172Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
MAY 2004
ZXMN3B14F DIODES-ZXMN3B14F Datasheet
222Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
JANUARY 2006
logo
Unisonic Technologies
UK3019 UTC-UK3019 Datasheet
133Kb / 3P
2.5V DRIVE SILICON N-CHANNEL MOSFET
logo
Diodes Incorporated
ZXMN3B01F DIODES-ZXMN3B01F_15 Datasheet
475Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
DECEMBER 2005
logo
Unisonic Technologies
UK3018BW UTC-UK3018BW Datasheet
138Kb / 3P
DRIVE SILICON N-CHANNEL MOSFET
logo
ZP Semiconductor
ZXMN3B01F ZPSEMI-ZXMN3B01F Datasheet
185Kb / 3P
30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com