Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK3919L-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UK3919L-TN3-R
Description  SWITCHING N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK3919L-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UK3919L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UK3919L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UK3919L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UK3919L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UK3919L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UK3919L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UK3919
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-200.A
TYPICAL CHARACTERISTICS(Cont.)
di/dt=100A/μs
VGS=0V
1
10
100
1000
110
100
1.5
1
0.5
0
0.01
0.1
1
10
100
1000
Diode Forward Current,IF (A)
Reverse Recovery Time VS.Diode
Forward Current
Pulsed
0V
VGS=10V
Source to Drain Voltage,VF(S-D) (V)
Source to Drain Diode Forward Voltage
VDD=12.5V
RG=25Ω
VGS=20 0V
IAS≤27A
IAS=27A
EAS=73mJ
0.01
0.1
1
10
1
10
100
120
100
80
60
40
20
0
25
50
75
100
125
150
VDD=12.5V
RG=25Ω
VGS=20 0V
Starting TCH=25℃
Single Avalanche Energy Derating Factor
Starting Channel Temperature,Starting,TCH (℃)
Inductive Load,L (mH)
Single Avalanche Current vs. Inductive
Load



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com