Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3380 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LS3380
Description  3 mm T1 3/4 LED, Diffused Wide-Angle LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3380 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LS3380 Datasheet HTML 1Page - Siemens Semiconductor Group LS3380 Datasheet HTML 2Page - Siemens Semiconductor Group LS3380 Datasheet HTML 3Page - Siemens Semiconductor Group LS3380 Datasheet HTML 4Page - Siemens Semiconductor Group LS3380 Datasheet HTML 5Page - Siemens Semiconductor Group LS3380 Datasheet HTML 6Page - Siemens Semiconductor Group LS3380 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
1998-07-13
3 mm (T1 3/
4 ) LED, Diffused
Wide-Angle LED
LS 3380, LY 3380, LG 3380
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 3380-GK
LS 3380-H
LS 3380-J
LS 3380-K
LS 3380-HL
super-red
red diffused
1.6 … 12.5
2.5 …
5.0
4.0 …
8.0
6.3 … 12.5
2.5 … 20.0
Q62703-Q2629
Q62703-Q1726
Q62703-Q1349
Q62703-Q3824
Q62703-Q2630
LY 3380-GK
LY 3380-H
LY 3380-J
LY 3380-K
LY 3380-HL
yellow
yellow diffused
1.6 … 12.5
2.5 …
5.0
4.0 …
8.0
6.3 … 12.5
2.5 … 20.0
Q62703-Q1352
Q62703-Q1353
Q62703-Q1354
Q62703-Q2317
Q62703-Q1355
LG 3380-GK
LG 3380-J
LG 3380-K
LG 3380-JL
green
green diffused
1.6 … 12.5
4.0 …
8.0
6.3 … 12.5
4.0 … 20.0
Q62703-Q1356
Q62703-Q2318
Q62703-Q2631
Q62703-Q3910
Besondere Merkmale
q
eingefärbtes, diffuses Gehäuse
q
als optischer Indikator einsetzbar
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused package
q
for use as optical indicator
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Similar Part No. - LS3380

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
logo
OSRAM GmbH
LS3386 OSRAM-LS3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
logo
Siemens Semiconductor G...
LS3386-LP SIEMENS-LS3386-LP Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS3386-M SIEMENS-LS3386-M Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS3386-MQ SIEMENS-LS3386-MQ Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
More results

Similar Description - LS3380

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
5 mm (T1 3/4) LED, Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
5 mm T1 3/4 LED, Diffused Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com