Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2004L-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # ULN2004L-S16-R
Description  7CH DARLINGTON SINK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2004L-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  ULN2004L-S16-R Datasheet HTML 1Page - Unisonic Technologies ULN2004L-S16-R Datasheet HTML 2Page - Unisonic Technologies ULN2004L-S16-R Datasheet HTML 3Page - Unisonic Technologies ULN2004L-S16-R Datasheet HTML 4Page - Unisonic Technologies ULN2004L-S16-R Datasheet HTML 5Page - Unisonic Technologies ULN2004L-S16-R Datasheet HTML 6Page - Unisonic Technologies ULN2004L-S16-R Datasheet HTML 7Page - Unisonic Technologies ULN2004L-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ULN2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R113-008.B
PRECAUTIONS FOR USING
This IC does not include built-in protection circuits for excess current or overvoltage. If this IC is subjected to
excess current or overvoltage, it may be destroyed. Hence, the utmost care must be taken when systems which
incorporate this IC are designed. Utmost care is necessary in the design of the output line, COMMON and GND line
since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper
grounding.
TYPICAL CHARACTERISTICS
500
400
300
200
100
020
40
60
80
100
SOP-16
Ta=25℃
On PCB
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
n=1
2
3
4
5
6
7
50
0
40
0
30
0
200
10
0
0
020
40
60
80
100
IOUT - Duty Cycle
Duty Cycle (%)
n=1
2
3
4
5
6
7
SOP-16
Ta=85℃
On PCB
n-ch
ACTIVE
500
400
300
200
0
20
40
60
80
DIP-16
Ta=25℃
FREE AIR
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
2
3
4
5
6
7
500
400
300
200
0
20
40
60
80
DIP-16
Ta=85℃
FREE AIR
n-ch
ACTIVE
IOUT - Duty Cycle
Duty Cycle (%)
2
3
4
5
6
7
100
100
100
100
n=1
n=1
0
0
3
2
1
0
0
10
20
30
40
IN - VIN
Input Voltage VIN (V)
Ta=25℃
IOUT=100mA
200
300
IN - VIN
0
1
0
2
7
911
Input Voltage VIN (V)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com