Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2803-S18-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ULN2803-S18-R
Description  EIGHT DARLINGTON ARRAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2803-S18-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ULN2803-S18-R Datasheet HTML 1Page - Unisonic Technologies ULN2803-S18-R Datasheet HTML 2Page - Unisonic Technologies ULN2803-S18-R Datasheet HTML 3Page - Unisonic Technologies ULN2803-S18-R Datasheet HTML 4Page - Unisonic Technologies ULN2803-S18-R Datasheet HTML 5Page - Unisonic Technologies ULN2803-S18-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ULN2803
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R113-004.E
SCHEMATICS (EACH DRIVER)
OUTPUT
COMMON
GND
INPUT
2.7kΩ
7.2kΩ
3kΩ
Note: The input and output parasitic diodes cannot be used as clamp diodes.
PIN CONFIGURATIONS
IN
IN
IN
IN
IN
IN
IN
IN
GND
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
COMMON FREE
WHEELING DIODES
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com