Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM608L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM608L-S08-R
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM608L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM608L-S08-R Datasheet HTML 1Page - Unisonic Technologies UM608L-S08-R Datasheet HTML 2Page - Unisonic Technologies UM608L-S08-R Datasheet HTML 3Page - Unisonic Technologies UM608L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UM608
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-043.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
35
V
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+105
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
150
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Voltage Operating
VCC
5 ~ 32
V
ELECTRICAL CHARACTERISTICS (VCC=15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE SUPPLY
Supply Current
ICC
VCC=15V
2
4
mA
VOLTAGE CONTROL LOOP
Transconduction Gain (VCTRL)
GMV
I/(V1-V2)
1
3.5
mA/mV
Voltage Control Loop Reference
VREF
1.25
V
Input Bias Current
IIBV
50
nA
CURRENT CONTROL LOOP
Transconduction Gain (VSENSE)
GMI
I/(V1-V2)
1.5
7
mA/mV
Current Control Loop Reference
VSENSE
190
mV
OUTPUT OF VOLTAGE AND CURRENT CONTROL LOOP
Low Output Voltage at 10mA
Sinking Current
VOL
200
mV
Max Output Current
IOM
Output to VCC sink current only
27
50
mA
OUTPUT OF CHARGE SUTUS
High Output Voltage at 10mA
Source Current
VOH
13
13.5
14
V
Max Output Current
IOM
Output to GND source current only
20
40
mA
Sense charge status
VREF
Input of charge status amplifier
65
mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com