Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM608G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM608G-S08-R
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM608G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM608G-S08-R Datasheet HTML 1Page - Unisonic Technologies UM608G-S08-R Datasheet HTML 2Page - Unisonic Technologies UM608G-S08-R Datasheet HTML 3Page - Unisonic Technologies UM608G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UM608
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R105-043.a
TYPICAL APPLICATION CIRCUIT
UTC UM608
VCC
INPUT
OUT2
OUT1
GND
OUT
VSENSE
VCTRL
x
VCC OUT
GND
COMP
UTC
UC3842
FB
VREF
ISENSE
RT/CT
BT+
BT-
DGND
+
-
BT1
48V
Rsense
0.1
D7
LED
R9
30k
FUSE2
C15
470µ
R26
6.8k
D5 ER804
C14
510p
R25
47
EC35
C7
10n
C2
FR206
R13
39k
C8
68µ
R12
150k
D3
HER107
R14
10
NT 5D
1N54
FUS
5
3
AC
AC
X2
C2
47n
N2AP817
d
C5
4.7n
R1
10k
R5
3.6k
C4
100n
R7 9.1K
C6
4.7n
C9
0.47n R19
910
R18 910
Rs
500m
R17
22
R3
10k
UTC
8N60
M2
D9
d
R15
10
C16
100µ
BT-
BT+
R10
500
R29
45.45k
org=21k
R32
1k
R34
15k
Q3
R36
100k
C13
10µ
R23
5.1k R6
3.6k
LED
D4
LED
D8
DGND
RA
120kQc
RB
1k
Comp1
2.2n
Rcomp1
470k
Rcomp2
22k
Comp2
2.2n
Comp1_1
22p
R28
2k
N5AP817_1
d
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com