Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2803G-S18-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULN2803G-S18-R
Description  EIGHT DARLINGTON ARRAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2803G-S18-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULN2803G-S18-R Datasheet HTML 1Page - Unisonic Technologies ULN2803G-S18-R Datasheet HTML 2Page - Unisonic Technologies ULN2803G-S18-R Datasheet HTML 3Page - Unisonic Technologies ULN2803G-S18-R Datasheet HTML 4Page - Unisonic Technologies ULN2803G-S18-R Datasheet HTML 5Page - Unisonic Technologies ULN2803G-S18-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ULN2803
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R113-004.E
TEST CIRCUIT
OPEN
ICEX
OPEN
VCE
VIN
1. ICEX
OPEN
IOUT
IIN
VCE, VCE (sat)
hFE =
IOUT
IIN
2. VCE (sat), hFE
OPEN
IIN (ON)
VIN
3. IIN (ON)
OPEN
OPEN
IOUT
4. IIN (OFF)
OPEN
IOUT
IIN
VCE
5. VIN (ON)
OPEN
6. IR
OPEN
IIN (OFF)
VIN (ON)
VR
IR
IF
7. VF
VF
OPEN
OPEN
8. tON, tOFF
RL
PULSE
GENERATOR
OPEN
VOUT
OUTPUT
INPUT
(Note 2)
(Note 1)
CL = 15pF
(Note 3)
VIH
0
VOH
VOL
tf
tr
90%
50%
10%
90%
10%
50%
tON
50μs
50%
50%
tOFF
INPUT
OUTPUT
Note1: Pulse width 50
μs, duty cycle 10%
Output impedance 50
Ω, tr<=5ns, tf<=10ns
Note2: R1: 0, VIH: 3V
Note3: CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com