Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM21125G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM21125G-AF5-R
Description  SINGLE-SUPPLY COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM21125G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM21125G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UM21125G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UM21125G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UM21125G-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UM21125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-038.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless other specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
+20
V
Differential Input Voltage
VI(DIFF)
+20
V
Input Voltage
VIN
-0.3 ~ +20 (Note 2)
V
Power Dissipation
PD
200
mW
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40~ +85
°C
Storage Temperature
TSTG
-40~+125
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When the supply voltage is less than +20V, the absolute maximum input voltage is equal to the supply
voltage.
ELECTRICAL CHARACTERISTICS (V+ =5V,TA=25°C, unless other specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
-Input DC Level
VIN-
63
68
73
mV
Maximum Output Voltage Swings
VOM
RL=2kΩ
3.5
V
Operating current
ICC
V+=5V, RL=∞
1.3
1.75
mA
V+=20V, RL=∞
1.6
2.35
mA
Output Source Current
ISOURCE
VIN+=1V, VIN-=70mV
20
30
mA
Output Sink Current
ISINK
VIN+=0V, VIN-=70mV
8
20
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com