Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMBF170G-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UMBF170G-AE2-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMBF170G-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UMBF170G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UMBF170G-AE2-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UMBF170
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-291.b
N-CHANNEL ENHANCEMENT
MODE
DESCRIPTION
The UMBF170 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* RDS(ON)<5Ω@VGS=10V
* RDS(ON)<5.3Ω@VGS=4.5V
* Low Reverse Transfer Capacitance ( CRSS = typical 7.5 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
2.Gate
1.Source
3.Drain
SOT-23-3
1
2
3
(JEDEC TO-236)
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UMBF170G-AE2-R
SOT-23-3
S
G
D
Tape Reel
MARKING


Similar Part No. - UMBF170G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
UMB-3 STRUCTURED-CABLE-UMB-3 Datasheet
503Kb / 1P
Universal mounting bracket
06.05.22
UMB-4 STRUCTURED-CABLE-UMB-4 Datasheet
507Kb / 1P
Universal mounting bracket
06.05.22
logo
Vishay Siliconix
UMB0207 VISHAY-UMB0207 Datasheet
156Kb / 10P
Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
Guangdong Juxing Electr...
UMB05F JUXING-UMB05F Datasheet
987Kb / 3P
Ultra Miniature Glass Passivated Single-Phase
UMB05F JUXING-UMB05F Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - UMBF170G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com