Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9T15G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP9T15G-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP9T15G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP9T15G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UP9T15G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UP9T15G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UP9T15G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UP9T15G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP9T15G
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-208.A
N-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UP9T15GL uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* VDS(V)=20V
* ID=12 .5A (VGS=4.5V)
* RDS(ON)<50mΩ@ VGS =4.5 V, ID =6 A
* RDS(ON)<80mΩ@ VGS =2.5 V, ID =5.2 A
SYMBOL
1.Gate
3.Source
2.Drain
*Pb-free plating product number: UP9T15GL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UP9T15G-TN3-R
UP9T15GL-TN3-R
TO-252
G
D
S
Tape Reel
UP9T15G-TN3-T
UP9T15GL-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UP9T15G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP9T15GL-TN3-R UTC-UP9T15GL-TN3-R Datasheet
348Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UP9T15GL-TN3-R DOINGTER-UP9T15GL-TN3-R Datasheet
965Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
UP9T15GP-TN3-R UTC-UP9T15GP-TN3-R Datasheet
348Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
UP9T15G UTC-UP9T15G_15 Datasheet
348Kb / 5P
N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - UP9T15G-TN3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com