Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1753L-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UP1753L-AA3-R
Description  HIGH CURRENT LOW VCE(SAT) TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1753L-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UP1753L-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP1753L-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP1753L-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP1753L-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UP1753
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R220-020.C
TYPICAL CHARACTERISTICS
IC/IB=10
0
0.2
0.4
0.6
0.8
0.01
0.1
1
10
100
Collector-Emitter Saturation Voltage vs.
Collector Current
Collector Current, IC (A)
0
0.4
1.4
0.01
0.1
1
100
DC Current Gain vs. Collector Current
Collector Current, IC (A)
0.8
1.2
IC/IB=50
VCE=1V
VCE=5V
10
0.2
0.6
1.0
1.6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com