Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1853L-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP1853L-AA3-R
Description  HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1853L-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP1853L-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP1853L-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP1853L-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP1853L-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP1853
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R207-019.C
HIGH CURRENT
(HIGH PERFORMANCE)
TRANSISTORS
FEATURES
* 5A Continuous Current , up to 10A peak current
* Very Low Saturation Voltages
* Excellent Gain Characteristics Specified up to 10A
* PD = 3W
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UP1853L-AA3-R
UP1853G-AA3-R
SOT-223
B
C
E
Tape Reel


Similar Part No. - UP1853L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP1853G-AA3-R UTC-UP1853G-AA3-R Datasheet
169Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
UP1853 UTC-UP1853_15 Datasheet
169Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
More results

Similar Description - UP1853L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT851 ZETEX-FZT851 Datasheet
53Kb / 3P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT948 ZETEX-FZT948 Datasheet
216Kb / 5P
PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955 ZETEX-FZT955 Datasheet
115Kb / 5P
PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT957 ZETEX-FZT957 Datasheet
101Kb / 5P
PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT951 ZETEX-FZT951 Datasheet
124Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955 ZETEX-FZT955_05 Datasheet
228Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Unisonic Technologies
UP1851 UTC-UP1851 Datasheet
185Kb / 4P
HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT951TA DIODES-FZT951TA Datasheet
110Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
APRIL 2000
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
MARCH 2005
logo
STMicroelectronics
STD878 STMICROELECTRONICS-STD878 Datasheet
261Kb / 10P
High current, high performance, low voltage NPN transistors
30-Aug-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com