Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP2003L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UP2003L-TN3-R
Description  P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP2003L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UP2003L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UP2003L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UP2003L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UP2003L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UP2003L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UP2003
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-202.B
TYPICAL CHARACTERISTICS
1.6
1.4
1.2
1
0.8
0
25 50 75 100 125 150 175
0
2.4
Junction Temperature (°С)
On-Resistance vs. Junction Temperature
Drain Current,-ID (A)
On-Resistance vs. Drain Current
and Gate Voltage
VGS=-3.5V
-4.0V
-4.5V
-5V
-6V
-7V
-10V
10
20
30
40
50
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
ID=-9A
VGS=-10V
0.6
-25
-50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com