Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6515CL-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR6515CL-SH2-R
Description  2A DDR BUS TERMINATION REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6515CL-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR6515CL-SH2-R Datasheet HTML 1Page - Unisonic Technologies UR6515CL-SH2-R Datasheet HTML 2Page - Unisonic Technologies UR6515CL-SH2-R Datasheet HTML 3Page - Unisonic Technologies UR6515CL-SH2-R Datasheet HTML 4Page - Unisonic Technologies UR6515CL-SH2-R Datasheet HTML 5Page - Unisonic Technologies UR6515CL-SH2-R Datasheet HTML 6Page - Unisonic Technologies UR6515CL-SH2-R Datasheet HTML 7Page - Unisonic Technologies UR6515CL-SH2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UR6515C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R101-038.A
PIN CONFIGURATIONS
4
3
2
1
5
6
7
8
GND
VIN
GND
VREF
VOUT
NC
NC
NC
VCNTL
PIN DESCRIPTION
PIN NAME
PIN TYPE
PIN DESCRIPTION
VCNTL
I
Power supply pin for the internal control circuits
GND
-
Ground pin
VIN
I
Power supply pin for the VOUT output
VREF
I
Reference voltage input and active-low shutdown control pin
VOUT
O
Output voltage pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com