Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR6225L-XX-AF5-F-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UR6225L-XX-AF5-F-R
Description  POSITIVE VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-AF5-F-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UR6225L-XX-AF5-F-R Datasheet HTML 4Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 5Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 6Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 7Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 9Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 10Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 11Page - Unisonic Technologies UR6225L-XX-AF5-F-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 15
www.unisonic.com.tw
QW-R502-030,T
ELECTRICAL CHARACTERISTICS(Cont.)
UR6225-2.1V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=50μA ~40mA, VIN=3.1V 2.058 2.100 2.142
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.1V, VOUT(E)≥1.89V
125
mA
Minimum Load Current
IOUT(MIN)
VIN=VOUT+1V
50
μA
Load Stability
1
△
VOUT
VIN=3.1V, 1mA≤IOUT≤62mA
45
90
mV
Input-Output Voltage
Differential(Note3)
1
VDIF1
IOUT=62mA
180
360
mV
1
VDIF2
IOUT=124mA
400
700
mV
Supply Current
2
ISS
VIN=3.1V
2.0
4.5
μA
Input Stability
1
△
VOUT
△
VIN ×VOUT
IOUT=40mA
3.1V≤VIN≤10V
0.2
0.3
%/V
Input Voltage
VIN
IOUT=5mA
10
V
Thermal Shutdown
150
°С
Output Voltage Temperature
Characteristics
1
△
VOUT
△
TOPR×VOUT
IOUT=40mA
-40°С≤TOPR≤85°С
±100
ppm/°С
UR6225-2.0V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=50μA ~40mA, VIN=3.0V 1.960 2.000 2.040
V
Maximum Output Current
1
IOUT(MAX)
VIN=3.0V, VOUT(E)≥1.8V
100
mA
Minimum Load Current
IOUT(MIN)
VIN=VOUT+1V
50
μA
Load Stability
1
△
VOUT
VIN=3.0V, 1mA≤IOUT≤60mA
45
90
mV
Input-Output Voltage
Differential(Note3)
1
VDIF1
IOUT=60mA
180
360
mV
1
VDIF2
IOUT=120mA
400
700
mV
Supply Current
2
ISS
VIN=3.0V
2.0
4.5
μA
Input Stability
1
△
VOUT
△
VIN ×VOUT
IOUT=40mA
3.0V≤VIN≤10V
0.2
0.3
%/V
Input Voltage
VIN
IOUT=5mA
10
V
Thermal Shutdown
150
°С
Output Voltage Temperature
Characteristics
1
△
VOUT
△
TOPR×VOUT
IOUT=40mA
-40°С≤TOPR≤85°С
±100
ppm/°С
UR6225-1.8V (Note1)
PARAMETER
CIRCUIT
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Output Voltage
1
VOUT(E)(Note2) IOUT=50μA ~40mA, VIN=2.8V 1.764 1.800 1.836
V
Maximum Output Current
1
IOUT(MAX)
VIN=2.8V, VOUT(E)≥1.62V
100
mA
Minimum Load Current
IOUT(MIN)
VIN=VOUT+1V
50
μA
Load Stability
1
V
△ OUT
VIN=2.8V, 1mA≤IOUT≤60mA
45
90
mV
Input-Output Voltage
Differential(Note3)
1
VDIF1
IOUT=56mA
400
560
mV
1
VDIF2
IOUT=112mA
600
900
mV
Supply Current
2
ISS
VIN=2.8V
2.0
4.5
μA
Input Stability
1
△
VOUT
△
VIN ×VOUT
IOUT=40mA
2.8V≤VIN≤10V
0.2
0.3
%/V
Input Voltage
VIN
IOUT=5mA
10
V
Thermal Shutdown
150
°С
Output Voltage Temperature
Characteristics
1
△
VOUT
△
TOPR ×VOUT
IOUT=40mA
-40°С≤TOPR≤85°С
±100
ppm/°С



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com