Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR13318-TN5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR13318-TN5-R
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR13318-TN5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UR13318-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR13318-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR13318-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR13318-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR13318-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR13318-TN5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UR13318
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-018.D
APPLICATION INFORMATION
Operation Supply Voltage Range
The circuit functionality is guaranteed within operation of ambient temperature range, as long as it is within
operation supply voltage range. The standard electrical characteristic values are guaranteed at the test circuit
voltage of Vcc=5V. The cannot be guaranteed at other voltages in the operating range of 3.0V~16.0V, however, the
variation will be small.
●
Input /Output characteristic
Dropout Region Regulation Region
Recommended Operating Region
Off Region
VOUT
2V
3V
(Typ.TA=25℃)
Vin
For proper regulation, this device must be operated in the Recommended Operating Region shown above.
Power Dissipation
Refer to the thermal duration characteristics shown in Fig.3. Also, be sure to use this IC within a power dissipation
rage allowing enough margins.
Output and Bypass Capacitor
To prevent oscillations, place the output capacitor between the output pin and GND for both channel. There is a
possibility for oscillation if capacitor's value changes due to temperature, voltage, etc. More than 22µF electrolytic
capacitor is recommended. If an extremely large value of (over 1000µF) is used, it may cause oscillations at low
frequency. In case of using ceramic capacitor (it is recommended more than 10µF) connect with 1Ω resistance
serially as ESR. For the bypass capacitor, a 0.33µF capacitor placed as close to Vcc pin and GND pin as possible is
recommended.
Over- current Protection Circuit
The over-current protection circuits are built in at the outputs. They protect the IC from being damaged when the
load is short-circuited or subjected to an over current condition. This protection circuits perform holdback current
limiting.
Thermal Protection Circuit
A thermal shut down circuit (T.S.D.) is built into the IC to prevent damage due to overheating, Therefore, all the
outputs are turned off when the T.S.D. circuit is activated and are turned on when the temperature recedes to the
specified level. However, the T.S.D. circuit is only for extreme conditions and the regulator circuit should still be
designed for the IC not to exceed TJ(max)=150 .
℃
Grounding
It is recommended that every capacitor (bypass and output capacitors) is grounded to PIN3 using single-point
connections.
Electromagnetic Fields
The IC is susceptible to strong electromagnetic fields and may cause malfunction. Therefore, caution should be
used when placing it on the PCB.
Protection Diodes
It is recommended that protection diodes be used when the output is connected to an inductive load.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com