Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR15033-TN5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR15033-TN5-R
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR15033-TN5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR15033-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR15033-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR15033-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR15033-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR15033-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR15033-TN5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UR15033
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-019.D
POWER DISSIPATION
STANDARD APPLICATION CIRCUIT
Vo1
Vo2
GND
Vcc
22µF
OR
10µF
Ceramic
1O
22µF
+
+
1O
OR
10µF
Ceramic
TEST CIRCUIT FOR EACH CONDITION
Vo1
or
Vo2
GND
Vcc
22µF
Io
+
A
0.33µF
V
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com