Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR13318L-TN5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR13318L-TN5-R
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR13318L-TN5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR13318L-TN5-R Datasheet HTML 1Page - Unisonic Technologies UR13318L-TN5-R Datasheet HTML 2Page - Unisonic Technologies UR13318L-TN5-R Datasheet HTML 3Page - Unisonic Technologies UR13318L-TN5-R Datasheet HTML 4Page - Unisonic Technologies UR13318L-TN5-R Datasheet HTML 5Page - Unisonic Technologies UR13318L-TN5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UR13318
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-018.D
BLOCK DIAGRAM
Reference
Voltage
Current
Limit
Sat.
Prevention
Sat.
Prevention
Thermal
Shut Down
Vo2
NC
PIN 5
PIN 2
PIN 4
Vo1
Vcc
Vcc
Current
Limit
Vcc
Vcc
Vcc
PIN 1
PIN 3
GND
+
-
+
-
PIN DISCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
Vcc
Power Supply
2
N.C.
Not internally connected
3
GND
Ground
4
Vo1
3.3V Output
5
Vo2
1.8V Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com