Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52G-CB2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BZT52G-CB2-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BZT52G-CB2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  BZT52G-CB2-R Datasheet HTML 1Page - Unisonic Technologies BZT52G-CB2-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BZT52
Preliminary
DIODE
www.unisonic.com.tw
1 of 2
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R601-065.a
SURFACE MOUNT SILICON
ZENER DIODE
DESCRIPTION
The UTC BZT52 is a surface mount silicon Zener Diode using
UTC’s advanced technology to provide customers with low power
dissipation.
The UTC BZT52 is universally applied in Automated Assembly
Processes.
FEATURES
* Low Power Dissipation: 200mW
* Zener Voltage (Typically 5.6V)
* Planar Die construction
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
BZT52L-CB2-R
BZT52G-CB2-R
SOD-323
A
K
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
MARKING
PACKAGE
MARKING
SOD-323
T56
L: Lead Free
G: Halogen Free


Similar Part No. - BZT52G-CB2-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT52 VISHAY-BZT52 Datasheet
128Kb / 8P
Small Signal Zener Diodes
08-Nov-16
BZT52 VISHAY-BZT52 Datasheet
144Kb / 8P
Small Signal Zener Diodes
20-Feb-18
logo
Pan Jit International I...
BZT52-B10 PANJIT-BZT52-B10 Datasheet
96Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
BZT52-B10 PANJIT-BZT52-B10 Datasheet
75Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
logo
Nexperia B.V. All right...
BZT52-B10 NEXPERIA-BZT52-B10 Datasheet
181Kb / 11P
Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
More results

Similar Description - BZT52G-CB2-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com