Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6084L-x-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # C6084L-x-TQ2-R
Description  SWITCHING REGULATOR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C6084L-x-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  C6084L-x-TQ2-R Datasheet HTML 1Page - Unisonic Technologies C6084L-x-TQ2-R Datasheet HTML 2Page - Unisonic Technologies C6084L-x-TQ2-R Datasheet HTML 3Page - Unisonic Technologies C6084L-x-TQ2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
C6084
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R203-039.G
SWITCHING REGULATOR
APPLICATIONS
FEATURES
* High Speed.
* High Breakdown Voltage (VCBO=1500V).
* High Reliability.
TO-220F
TO-126
TO-3P
TO-220
1
1
1
1
TO-263
1
ORDERING INFORMATION
Ordering Number
Package
Pin Description
Packing
Lead Free
Halogen Free
1
2
3
C6084L-x-TA3 -T
C6084G-TA3-x-T
TO-220
B
C
E
Tube
C6084L-x-TF3 -T
C6084G-TF3-x-T
TO-220F
B
C
E
Tube
C6084L-x-T60-K
C6084G-T60-x-K
TO-126
B
C
E
Bulk
C6084L-x-T3P-T
C6084G-T3P-x-T
TO-3P
B
C
E
Tube
C6084L-x-TQ2-R
C6084G-TQ2-x-R
TO-263
B
C
E
Tape Reel
C6084L-x-TQ2-T
C6084G-TQ2-x-T
TO-263
B
C
E
Tube


Similar Part No. - C6084L-x-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
C6084L-X-TQ2-R UTC-C6084L-X-TQ2-R Datasheet
238Kb / 4P
SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - C6084L-x-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3309 TOSHIBA-2SK3309 Datasheet
234Kb / 6P
Switching Regulator Applications
TK09H90A TOSHIBA-TK09H90A Datasheet
239Kb / 6P
Switching Regulator Applications
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
Switching Regulator Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
KODENSHI_AUK CORP.
SMK0860P KODENSHI-SMK0860P Datasheet
426Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0460I-SPEC-SHEET KODENSHI-SMK0460I-SPEC-SHEET Datasheet
372Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0765F-1 KODENSHI-SMK0765F-1 Datasheet
439Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK830D-1 KODENSHI-SMK830D-1 Datasheet
508Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0965FJ-1 KODENSHI-SMK0965FJ-1 Datasheet
419Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK1060FJ-1 KODENSHI-SMK1060FJ-1 Datasheet
412Kb / 8P
SWITCHING REGULATOR APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com