Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4014BL-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # CD4014BL-S16-R
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4014BL-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  CD4014BL-S16-R Datasheet HTML 1Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 2Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 3Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 4Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 5Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 6Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 7Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 8Page - Unisonic Technologies CD4014BL-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CD4014B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-606.a
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VIN = 0, 5 V, VCC = 5 V
0.04
5
VIN = 0, 10V, VCC = 10V
0.04
10
VIN = 0, 15V, VCC = 15V
0.04
20
Quiescent Supply Current
ICC
VIN = 0, 20V, VCC = 20V
0.08
100
μA
VOUT = 0.4V, VIN = 0, 5V, VCC = 5V
0.51
1
VOUT = 0.5V, VIN = 0, 10V, VCC = 10V
1.3
2.6
Output Low (Sink) Current
IOL
VOUT = 1.5V, VIN = 0, 15V, VCC = 15V
3.4
6.8
mA
VOUT = 4.6V, VIN = 0, 5V, VCC = 5V
-0.51
-1
VOUT = 2.5V, VIN = 0, 5V, VCC = 5V
-1.6
-3.2
VOUT = 9.5V, VIN = 0, 10V, VCC = 10V
-1.3
-2.6
Output High (Source) Current
IOH
VOUT = 13.5V, VIN = 0, 15V, VCC = 15V
-3.4
-6.8
mA
VIN = 0, 5V, VCC = 5V
0
0.05
VIN = 0, 10V, VCC = 10V
0
0.05
Output Voltage: Low-Level
VOL
VIN = 0, 15V, VCC = 15V
0
0.05
V
VIN = 0, 5V, VCC = 5V
4.95
5
VIN = 0, 10V, VCC = 10V
9.95
10
Output Voltage: High-Level
VOH
VIN = 0, 15V, VCC = 15V
14.95
15
V
VOUT = 0.5, 4.5V, VCC = 5V
1.5
VOUT = 1, 9V, VCC = 10V
3
Input Low Voltage
VIL
VOUT = 1.5, 13.5V, VCC = 15V
4
V
VOUT = 0.5, 4.5V, VCC = 5V
3.5
VOUT = 1, 9V, VCC = 10V
7
Input High Voltage
VIH
VOUT = 1.5, 13.5V, VCC = 15V
11
V
Input Leakage Current
II(LEAK)
VIN = 0, 18 V, VCC = 18V
±10
-5
±0.1
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com