Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4081BG-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CD4081BG-S14-R
Description  QUAD 2-INPUT AND BUFFERED B SERIES GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4081BG-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  CD4081BG-S14-R Datasheet HTML 1Page - Unisonic Technologies CD4081BG-S14-R Datasheet HTML 2Page - Unisonic Technologies CD4081BG-S14-R Datasheet HTML 3Page - Unisonic Technologies CD4081BG-S14-R Datasheet HTML 4Page - Unisonic Technologies CD4081BG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CD4081B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-569.a
QUAD 2-INPUT AND
BUFFERED B SERIES GATE
DESCRIPTION
The UTC CD4081B contains four independent 2-input AND
gates,they perform the function
•
Y=A B
in positive logic.
FEATURES
* 5V-10V-15V Parametric Ratings
* Quad 2-Input AND Gate
* Symmetrical Output Characteristics
* Maximum Input Current of 1uA at 15V Over Full Package Temper-
ature Rage
* Low Power TTL:
Fan Out of 2 Driving 74L or 1 Driving 74LS Compatibility
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
CD4081BL-S14-R
CD4081BG-S14-R
SOP-14
Tape Reel


Similar Part No. - CD4081BG-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4081B TI-CD4081B Datasheet
530Kb / 12P
CMOS AND GATES
CD4081B TI1-CD4081B Datasheet
1Mb / 29P
CMOS AND Gates
logo
Silicon Supplies
CD4081B SS-CD4081B Datasheet
517Kb / 4P
CMOS High Voltage Logic
CD4081B SS-CD4081B Datasheet
270Kb / 4P
CMOS High Voltage Logic
Rev 1.0 21/11/17
logo
List of Unclassifed Man...
CD4081B ETC-CD4081B Datasheet
280Kb / 4P
CMOS AND Gates
More results

Similar Description - CD4081BG-S14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4071BM NSC-CD4071BM Datasheet
182Kb / 8P
Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B Datasheet
179Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B Datasheet
162Kb / 5P
QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com