Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW574G-T90-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CW574G-T90-R
Description  33V COLOR TV VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CW574G-T90-R Datasheet(HTML) 1 Page - Unisonic Technologies

  CW574G-T90-R Datasheet HTML 1Page - Unisonic Technologies CW574G-T90-R Datasheet HTML 2Page - Unisonic Technologies CW574G-T90-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CW574
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R111-008.D
33V COLOR TV VOLTAGE
REGULATOR
DESCRIPTION
The UTC CW574 is a parallel voltage regulator which
provides stable harmonious voltage for high frequency tuner
head of color TV.
FEATURES
* Low temperature coefficient
* Low dynamic resister
* Typical voltage: 33V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
CW574L-T90-B
CW574G-T90-B
TO-92-2
Tape Box
CW574L-T90-K
CW574G-T90-K
TO-92-2
Bulk
CW574L-T90-R
CW574G-T90-R
TO-92-2
Tape Reel
BLOCK DIAGRAM
1
2


Similar Part No. - CW574G-T90-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CW574G-T90-R UTC-CW574G-T90-R Datasheet
116Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
More results

Similar Description - CW574G-T90-R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
Integrated Circuit Module - Color TV Switching Regulator
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Fairchild Semiconductor
KSC2383 FAIRCHILD-KSC2383 Datasheet
52Kb / 5P
Color TV Audio Output & Color TV Vertical
logo
Sanken electric
STR50330 SANKEN-STR50330 Datasheet
476Kb / 3P
Hybrid IC Voltage Regulator(NPN Triple Diffused, SMPS for Color TV)
STR53041 SANKEN-STR53041 Datasheet
305Kb / 5P
Hybrid IC Voltage Regulator(NPN Triple Diffused, SMPS for Color TV)
logo
Sanyo Semicon Device
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
33V HIGH PRECISE VOLTAGE REFERENCE
logo
Unisonic Technologies
CW574 UTC-CW574_07 Datasheet
106Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
CW574 UTC-CW574_15 Datasheet
116Kb / 3P
33V COLOR TV VOLTAGE REGULATOR
logo
List of Unclassifed Man...
L19A11W ETC1-L19A11W Datasheet
2Mb / 44P
COLOR TV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com