Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2829L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2829L-AF5-R
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2829L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US2829L-AF5-R Datasheet HTML 1Page - Unisonic Technologies US2829L-AF5-R Datasheet HTML 2Page - Unisonic Technologies US2829L-AF5-R Datasheet HTML 3Page - Unisonic Technologies US2829L-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2829
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-361.b
SINGLE-CHANNEL
HIGH-SPEED MOSFET DRIVER
DESCRIPTION
The UTC US2829 is a single-channel high-speed MOS-FET
driver. The device is fabricated by use of BICMOS outputs to
achieve high switching speed. The outputs are capable of delivering
peak currents up to 2A into capacitive loads.
FEATURES
* Low-cost single-channel high-speed MOSFET driver
* 2A peak output current
* 25ns max rise/fall times and 40ns max propagation delay,1nF
load
* Low power dissipation: ICC=15μA(Max) @ Ta=25°C
* Broad VCC operating range:4V to 14V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US2829L-AF5-R
US2829G-AF5-R
SOT-25
Tape Reel
MARKING


Similar Part No. - US2829L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2829L-AF5-R UTC-US2829L-AF5-R Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results

Similar Description - US2829L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
High Speed, Single Channel, Power MOSFET Driver
May 6, 2005
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
High Speed, Single Channel, Power MOSFET Driver
July 6, 2006
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
High Speed Single P-Channel MOSFET Driver
logo
Unisonic Technologies
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com