Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CD4541
Description  PROGRAMMABLE TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4541 Datasheet(HTML) 4 Page - Unisonic Technologies

  CD4541 Datasheet HTML 1Page - Unisonic Technologies CD4541 Datasheet HTML 2Page - Unisonic Technologies CD4541 Datasheet HTML 3Page - Unisonic Technologies CD4541 Datasheet HTML 4Page - Unisonic Technologies CD4541 Datasheet HTML 5Page - Unisonic Technologies CD4541 Datasheet HTML 6Page - Unisonic Technologies CD4541 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CD4541
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-037.C
AC ELECTRICAL CHARACTERISTICS (Note 1, TA=25℃, CL=50pF (refer to test circuits))
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Rise Time
tTLH
VDD=5V
50
200
ns
VDD=10V
30
100
VDD=15V
25
80
Output Fall Time
tTHL
VDD=5V
50
200
ns
VDD=10V
30
100
VDD=15V
25
80
Turn-Off,
Turn-On
Propagation
Delay, Clock to Q (2
8 Output)
tPLH, tPHL
VDD=5V
1.8
4.0
μs
VDD=10V
0.6
1.5
VDD=15V
0.4
1.0
Turn-On,
Turn-Off
Propagation
Delay, Clock to Q (2
16 Output)
tPHL, tPLH
VDD=5V
3.2
8.0
μs
VDD=10V
1.5
3.0
VDD=15V
1.0
2.0
Clock Pulse Width
tWH(CL)
VDD=5V
400
200
ns
VDD=10V
200
100
VDD=15V
150
70
Clock Pulse Frequency
fCL
VDD=5V
2.5
1.0
MHz
VDD=10V
6.0
3.0
VDD=15V
8.5
4.0
MR Pulse Width
tWH(R)
VDD=5V
400
170
ns
VDD=10V
200
75
VDD=15V
150
50
Average Input Capacitance
CI
Any Input
5.0
7.5
pF
Power Dissipation Capacitance
CPD
(Note 2)
100
pF
Notes: 1. AC Parameters are guaranteed by DC correlated testing.
2. CPD determines the no load AC power consumption of any CMOS device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com