Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA114EG-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTA114EG-AL3-R
Description  DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA114EG-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTA114EG-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTA114EG-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTA114EG-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTA114E
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3 of 3
www.unisonic.com.tw
QW-R206-046,E
■
TYPICAL CHARACTERISTICS
25℃
100℃
-100
-50
-20
-10
-5
-2
-1
-500m
-200m
-100m
-500μ
-2m
-5m
-10m -20m
-50m -100m
-1m
TA= - 40℃
VOUT=-0.3V
-100μ
Input Voltage vs. Output Current
(ON Characteristics)
1k
500
200
100
50
10
5
2
1
20
VOUT=-5V
Output Current, IOUT (A)
DC Current Gain vs. Output Current
Output Current, IOUT (A)
-10m
-5m
-2m
-500μ
-200μ
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-100μ
-1m
VCC=-5V
0
Output Current vs. Input Voltage
(OFF Characteristics)
Input Voltage, VIN(OFF) (V)
-1
-500m
-200m
-100m
-50m
-20m
-10m
-5m
-2m
-1m
lOUT/lIN=20
Output Voltage vs. Output Current
Output Current, IOUT (A)
-2m
-5m
-10m -20m
-50m -100m
-1m
-200μ -500μ
-2m
-5m
-10m -20m -50m -100m
-1m
-100μ
-200μ
-50μ
-10μ
-20μ
-5μ
-2μ
-1μ
25℃
-40℃
TA= 100℃
25℃
-40℃
TA= 100℃
25℃
-40℃
TA= 100℃
-200μ -500μ
-100μ
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com