Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2N10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT2N10
Description  2 Amps,100 Volts N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2N10 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT2N10 Datasheet HTML 1Page - Unisonic Technologies UT2N10 Datasheet HTML 2Page - Unisonic Technologies UT2N10 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT2N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-511.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (Note 1)
VDSS
100
V
Gate-Source Voltage
VGSS
±10
V
Drain-Gate Voltage (RGS=1MΩ) (Note 1)
VDGR
100
V
Continuous
ID
2
A
Drain Current
Pulsed (Note 3)
IDM
5
A
Power Dissipation
PD
25
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
VDS = Rated BVDSS, VGS = 0V
1.0
Drain-Source Leakage Current
IDSS
VDS = 0.8 x Rated BVDSS,
VGS = 0V, TC = 125°C
25
µA
Forward
VGS=+10V, VDS=0V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-10V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
2.0
V
Drain-Source On Voltage (Note 2)
VDS(ON)
VGS=5V, ID=2A
2.1
V
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=5V, ID=2A
1.050
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
200
pF
Output Capacitance
COSS
80
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
35
pF
Thermal Resistance Junction to Case
RθJC
5
°C/W
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
10
25
ns
Rise Time
tR
15
45
ns
Turn-OFF Delay Time
tD(OFF)
25
45
ns
Fall-Time
tF
VDD=50V, ID=2A, RG=6.25Ω,
RL=25 Ω, VGS=5V
20
25
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
(Note 2)
VSD
ISD=2A
1.4
V
Body Diode Reverse Recovery Time
tRR
ISD=2A, dISD/dt=50A/µs
100
ns
Note: 1. TJ = 25°C ~ 125°C.
2. Pulse test: pulse width≤300ms, duty cycle≤2%.
3. Repetitive rating: pulse width limited by maximum junction temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com