Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3N01Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3N01Z
Description  N CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3N01Z Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3N01Z Datasheet HTML 1Page - Unisonic Technologies UT3N01Z Datasheet HTML 2Page - Unisonic Technologies UT3N01Z Datasheet HTML 3Page - Unisonic Technologies UT3N01Z Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT3N01Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-285.A
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±10
V
DC
0.15
A
Drain Current
Pulse(Note 2)
ID
0.6
A
Power Dissipation
PD
150
mW
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width≤10μs, Duty cycle≤1%
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=1mA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V,VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
ON CHARACTERISTICS
Cutoff Threshold Voltage
VGS(OFF)
VDS=10V, ID=100µA
0.4
1.3
V
VGS=4V, ID=80mA
2.9
3.7
Ω
VGS=2.5V, ID=40mA
3.7
5.2
Ω
Static Drain-Source On-Resistance
RDS(ON)
VGS=1.5V, ID=10mA
6.4
12.8
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
7.0
pF
Output Capacitance
COSS
5.9
pF
Reverse Transfer Capacitance
CRSS
VDS=10V, VGS=0 V, f=1.0MHz
2.3
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
1.58
nC
Gate Source Charge
QGS
0.26
nC
Gate Drain Charge
QGD
VDS=10V, VGS=10V, ID=150mA
0.31
nC
Turn-ON Delay Time
tD(ON)
19
ns
Turn-ON Rise Time
tR
65
ns
Turn-OFF Delay Time
tD(OFF)
155
ns
Turn-OFF Fall-Time
tF
See specified Test Circuit
120
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=150mA, VGS=0V
0.87
1.2
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com