Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2N10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2N10G-TN3-R
Description  2 Amps,100 Volts N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2N10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT2N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT2N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UT2N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
1 of 3
www.unisonic.com.tw
QW-R502-511.a
2 Amps,100 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC UT2N10 is N-Channel enhancement mode silicon gate
power FET.it uses a special gate oxide designed to provide full rated
conductance at gate biases through 3V ~ 5V and facilitate true on-off
power control directly from logic circuit supply voltages.
The UTC UT2N10 is universally applied in logic level (5V) driving
sources, such as automotive switching, solenoid drivers and
programmable controllers.
FEATURES
* 2A, 100V
* RDS(ON) = 1.050Ω
* Design Optimized for 5V Gate Drives
* Can be Driven Directly from QMOS, NMOS, TTL Circuits
* Compatible with Automotive Drive Requirements
* SOA is Power Dissipation Limited
* Nanosecond Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
* Majority Carrier Device
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT2N10L-TN3-R
UT2N10G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UT2N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2N10G-TN3-R UTC-UT2N10G-TN3-R Datasheet
215Kb / 4P
N-CHANNEL POWER MOSFET
More results

Similar Description - UT2N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
80 Amps, 100 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
2 Amps, 500 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N10 UTC-6N10 Datasheet
147Kb / 4P
6 Amps, 100 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
7 Amps, 100 Volts N-CHANNEL POWER MOSFET
UT12N10 UTC-UT12N10 Datasheet
150Kb / 4P
12 Amps, 100 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N10P CHONGQING-8N10P Datasheet
511Kb / 7P
8 Amps,100 Volts N-CHANNEL Power MOSFET
12N10P CHONGQING-12N10P Datasheet
532Kb / 7P
12 Amps,100 Volts N-CHANNEL Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com