Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3P06 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3P06
Description  3A, 60V (D-S) P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3P06 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3P06 Datasheet HTML 1Page - Unisonic Technologies UT3P06 Datasheet HTML 2Page - Unisonic Technologies UT3P06 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3P06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-673.b
3A, 60V (D-S) P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT3P06 is a P-channel enhancement power MOSFET
using UTC’s advanced technology to provide the customers with
perfect RDS(ON) and low gate charge.
This UTC UT3P06 can be operated with -4.5V low gate voltage.
FEATURES
* RDS(ON)=0.19Ω @ VGS=-10V,
RDS(ON)=0.265Ω @ VGS=-4.5V
* Low gate charge (Typically 7nC)
SYMBOL
(3)Gate
(4)Source
(1)(2)(5)(6) Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1, 2, 5, 6
3
4
UT3P06L-AG6-R
UT3P06G-AG6-R
SOT-26
D
G
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UT3P06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3P06G-AE3-R UTC-UT3P06G-AE3-R Datasheet
170Kb / 3P
P-CHANNEL POWER MOSFET
UT3P06G-AG6-R UTC-UT3P06G-AG6-R Datasheet
170Kb / 3P
P-CHANNEL POWER MOSFET
UT3P06 UTC-UT3P06_15 Datasheet
170Kb / 3P
P-CHANNEL POWER MOSFET
More results

Similar Description - UT3P06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50P06 UTC-UTT50P06 Datasheet
144Kb / 3P
-50A, -60V P-CHANNEL (D-S) POWER MOSFET
logo
Leshan Radio Company
LP2309LT1G LRC-LP2309LT1G Datasheet
703Kb / 5P
P-Channel 60V (D-S) MOSFET
logo
Shenzhen Huazhimei Semi...
HM2309B HMSEMI-HM2309B Datasheet
1Mb / 5P
P-Channel 60V(D-S)
logo
VBsemi Electronics Co.,...
VB562K VBSEMI-VB562K Datasheet
765Kb / 10P
N- and P-Channel 60V (D-S) MOSFET
logo
Shenzhen Huazhimei Semi...
HM2309DR HMSEMI-HM2309DR Datasheet
1Mb / 5P
P-Channel 60V(D-S)
HM2809D HMSEMI-HM2809D Datasheet
1Mb / 5P
P-Channel 60V(D-S)
HM2809DR HMSEMI-HM2809DR Datasheet
1Mb / 5P
P-Channel 60V(D-S)
logo
Leshan Radio Company
S-LP2309LT1G LRC-S-LP2309LT1G Datasheet
527Kb / 6P
P-Channel 60V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VB5610N VBSEMI-VB5610N Datasheet
800Kb / 10P
N- and P-Channel 60V (D-S) MOSFET
NDC7001C VBSEMI-NDC7001C Datasheet
595Kb / 10P
N- and P-Channel 60V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com