Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT40N04G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT40N04G-TN3-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIDLD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT40N04G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT40N04G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT40N04G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT40N04G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT40N04
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-467.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
25
Continuous Drain Current
TC=70°C
ID
20
Pulsed Drain Current (Note 1)
IDM
75
Avalanche Current
IAS
27
A
Avalanche Energy
L=0.1mH
EAS
37
mJ
TC=25°C
30
Power Dissipation
TC=70°C
PD
20
W
Operating Junction Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Note:1. Pulse width limited by maximum junction temperature.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
40
°C/W
Junction to Case
θJC
4.1
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
40
V
VDS=32V, VGS=0V
1
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V, TJ=125°C
10
µA
Gate- Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±250
nA
On-State Drain Current (Note 1)
ID(ON)
VDS=5V, VGS=10V
75
A
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
2.4
3
V
VGS=5V, ID=8A
26
50
VGS=7V, ID=8A
22
45
Static Drain-Source On-State
Resistance (Note 1)
RDS(ON)
VGS=10V, ID=10A
19
29
mΩ
Forward Transconductance (Note 1)
gFS
VDS=5V, ID=10A
30
S
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1.0MHz
1.55
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
1150
Output Capacitance
COSS
157
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=20V, f=1.0MHz
80
pF
SWITCHING PARAMETERS
(Note 2)
QG (VGS=10V)
19
Total Gate Charge
QG (VGS=4.5V)
9
Gate to Source Charge
QGS
4.5
Gate to Drain Charge
QGD
VDS=0.5V(BR)DSS, ID=10A
3
nC
Turn-ON Delay Time
tD(ON)
10
ns
Rise Time
tR
6
ns
Turn-OFF Delay Time
tD(OFF)
26
ns
Fall-Time
tF
VGS=10V, VDS=20V, ID≈-1A,
RGS=6Ω, RL=1Ω
6
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Continuous Current
IS
23
A
Drain-Source Diode Forward Voltage
(Note 1)
VSD
IF=10A, VGS=0V
1.3
V
Reverse Recovery Time
tRR
38
ns
Reverse Recovery Charge
QRR
IF=10A, dIF/dt=100A/µs
29
nC
Note: 1. Pulsde test: Pulse width ≤300µsec, duty cycle ≤2%.
2. Independent of Operating Temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com